PART |
Description |
Maker |
MAX685 MAX685EEE |
Dual-Output Positive and Negative / DC-DC Converter for CCD and LCD Dual D-type Positive-Edge-Triggered Flip-Flops With Preset And Clear 14-CFP -55 to 125 Dual-Output Positive and Negative, DC-DC Converter for CCD and LCD
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
ADM12914-2ARQZ-RL7 ADM12914-1ARQZ |
±0.8% Accurate Quad UV/OV Positive/Negative Voltage Supervisor; Package: 16-QSOP (150mil); Temperature Range: -40°C to 125°C 4-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO16
|
Analog Devices, Inc. ANALOG DEVICES INC
|
ISL9012IRFDZ-T ISL9012IRCJZ-T ISL9012IRMGZ-T ISL90 |
Dual LDO with Low Noise, Low IQ, and High PSRR; Temperature Range: -40°C to 85°C; Package: 10-DFN T&R DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10
|
Intersil, Corp.
|
ISL9000IRKNZ-T ISL9000IRJNZ-T ISL9000IRPPZ-T ISL90 |
Dual LDO with Low Noise, Very High PSRR, and Low IQ; Temperature Range: -40°C to 85°C; Package: 10-DFN T&R DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10
|
Intersil, Corp.
|
MC7915BTG MC7905.2CTG MC7912BT MC7915ACT MC7915CD2 |
1A, 12V,±4% Tolerance, Negative Voltage Regulator, Ta = -40°C to 125°C; Package: TO-220, SINGLE GAUGE; No of Pins: 3; Container: Rail; Qty per Container: 50 12 V FIXED NEGATIVE REGULATOR, PSFM3 1A, 15V,±2% Tolerance, Negative Voltage Regulator, Ta = 0°C to 125°C; Package: TO-220, SINGLE GAUGE; No of Pins: 3; Container: Rail; Qty per Container: 50 15 V FIXED NEGATIVE REGULATOR, PSFM3 1A, 15V,±4% Tolerance, Negative Voltage Regulator, Ta = 0°C to 125°C; Package: 3 LEAD D2PAK; No of Pins: 3; Container: Rail; Qty per Container: 50 15 V FIXED NEGATIVE REGULATOR, PSSO2
|
Rectron Semiconductor
|
CS8361YDWFR16 CS8361YDWF16 CS8361YDPSR7 |
5.0V/100mA & Tracker/200mA Dual LDO w/ Enable and Reset; Package: SO-16 WB; No of Pins: 16; Container: Tape and Reel; Qty per Container: 1000 DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO16 5.0V/100mA & Tracker/200mA Dual LDO w/ Enable and Reset; Package: SO-16 WB; No of Pins: 16; Container: Rail; Qty per Container: 47 DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO16 5.0V/100mA & Tracker/200mA Dual LDO w/ Enable and Reset; Package: D2PAK-7 (Short Lead); No of Pins: 7; Container: Tape and Reel; Qty per Container: 750 DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PSSO7
|
ON Semiconductor
|
IP140MA IP78M00A IP140M IP78M00 IP78M12H-883B IP14 |
THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 0.5 AMP Positive Voltage Regulator(0.5 A ,12V稳压 0.5 AMP Positive Voltage Regulator(0.5 A ,5V稳压 CGrid VT SMT Rcpt w/peg 30 SAu 42Ckt Voltage Regulator 5 V FIXED POSITIVE REGULATOR, MBCY3 Voltage Regulator 电压调节 0.5 AMP Positive Voltage Regulator(0.5 A ,15V稳压 0.5安培正电压稳压器.5甲,15V的稳压器 Voltage Regulator 12 V FIXED POSITIVE REGULATOR, MBCY3
|
SEME-LAB[Seme LAB] Semelab(Magnatec) TT electronics Semelab Limited TT electronics Semelab, Ltd. HI-SINCERITY MICROELECTRONICS, CORP. SEMELAB LTD
|
|